전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

301020013 데이터시트(PDF) 69 Page - ams-OSRAM AG

부품명 301020013
상세설명  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 데이터시트(HTML) 69 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 65Page - ams-OSRAM AG 301020013 Datasheet HTML 66Page - ams-OSRAM AG 301020013 Datasheet HTML 67Page - ams-OSRAM AG 301020013 Datasheet HTML 68Page - ams-OSRAM AG 301020013 Datasheet HTML 69Page - ams-OSRAM AG 301020013 Datasheet HTML 70Page - ams-OSRAM AG 301020013 Datasheet HTML 71Page - ams-OSRAM AG 301020013 Datasheet HTML 72Page - ams-OSRAM AG 301020013 Datasheet HTML 73Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
Dragster
Pin description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
69 / 109
/
Pin number
Pin name
Pin type(1)
69
Bit_06_Tap_A1
DO
70
Bit_05_Tap_A1
DO
71
Bit_04_Tap_A1
DO
72
Bit_03_Tap_A1
DO
73
Bit_02_Tap_A1
DO
74
Bit_01_Tap_A1
DO
75
Bit_00_Tap_A1
DO
76
VSSESD/IO
GND
77
Bit_00_Tap_B1
DO
78
Bit_01_Tap_B1
DO
79
Bit_02_Tap_B1
DO
80
Bit_03_Tap_B1
DO
81
Bit_04_Tap_B1
DO
82
Bit_05_Tap_B1
DO
83
Bit_06_Tap_B1
DO
84
Bit_07_Tap_B1
DO
85
Bit_08_Tap_B1
DO
86
Bit_09_Tap_B1
DO
87
Bit_10_Tap_B1
DO
88
Bit_11_Tap_B1
DO
89
Bit_12_Tap_B1
DO
90
Main_CLK
DI
91
VSSESD/IO
GND
92
Not connected
93
Not connected
94
Not connected
95
Not connected
96
Not connected
97
Not connected
98
Not connected
99
Not connected
100
Not connected
101
Not connected
102
Not connected
103
Not connected
104
Not connected
105
Not connected
106
VSSESD/IO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More