| 전자부품 데이터시트 검색엔진 |
|
301020013 데이터시트(PDF) 71 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 데이터시트(HTML) 71 Page - ams-OSRAM AG |
|
71 / 109 page ![]() Dragster Pin description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 71 / 109 / Table 35: Connector 2 pinout Pin number Pin name Pin type(1) 1 VSSESD/IO GND 2 LVAL_CD_1 DO 3 Bit_12_Tap_C1 DO 4 Bit_11_Tap_C1 DO 5 Bit_10_Tap_C1 DO 6 Bit_09_Tap_C1 DO 7 Bit_08_Tap_C1 DO 8 Bit_07_Tap_C1 DO 9 Bit_06_Tap_C1 DO 10 Bit_05_Tap_C1 DO 11 Bit_04_Tap_C1 DO 12 Bit_03_Tap_C1 DO 13 Bit_02_Tap_C1 DO 14 Bit_01_Tap_C1 DO 15 Bit_00_Tap_C1 DO 16 VSSESD/IO GND 17 Bit_00_Tap_D1 DO 18 Bit_01_Tap_D1 DO 19 Bit_02_Tap_D1 DO 20 Bit_03_Tap_D1 DO 21 Bit_04_Tap_D1 DO 22 Bit_05_Tap_D1 DO 23 Bit_06_Tap_D1 DO 24 Bit_07_Tap_D1 DO 25 Bit_08_Tap_D1 DO 26 Bit_09_Tap_D1 DO 27 Bit_10_Tap_D1 DO 28 Bit_11_Tap_D1 DO 29 Bit_12_Tap_D1 DO 30 Not connected 31 VSSESD/IO GND 32 Not connected 33 Not connected 34 Not connected 35 Not connected 36 Not connected |