| 전자부품 데이터시트 검색엔진 |
|
301020013 데이터시트(PDF) 36 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 데이터시트(HTML) 36 Page - ams-OSRAM AG |
|
36 / 109 page ![]() Dragster Functional description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 36 / 109 / 7.5 Readout cycle As the pixel level ADC signal is stored in an SRAM bench (LOAD_PULSE rising edge), the digital readout is triggered by LOAD_PULSE falling edge. LOAD_PULSE signal can either be provided externally or be generated internally (register 0x02 bit '0'). This signal must be sent after the end of A/D conversion (rising edge of END_ADC), at the earliest possible time, based on the state of the integration time controlling signals (RST_CVC; RST_CDS, SAMPLE) and the programmed ADC end range. The readout is started from the most left pixel to the right. An LVAL signal is generated to indicate valid pixel data. Each Dragster variant has a specific number of outputs (taps). Table 13: Dragster outputs per variant Sensor variant # Lines # Outputs Outputs Connectors DR2K7 1 2 A1, B1 1 DR2x2K7 2 4 A1, B1, C1, D1 1 & 2 DR4K7 1 4 A1, A2, B1, B2 1 DR4K3.5 1 4 A1, B1, C1, D1 1 & 2 DR2x4K7 2 8 A1, A2, B1, B2, C1, C2, D1, D2 1 & 2 DR6K7 1 6 A1, A2, B1, B2, E1, F1 1 & 2 DR8K7 1 8 A1, A2, B1, B2, E1, E2, F1, F2 1 & 3 DR8K3.5 1 8 A1, A2, B1, B2, C1, C2, D1, D2 1 & 2 DR2x8K7 2 16 A1, A2, B1, B2, C1, C2, D1, D2, E1, E2, F1, F2, G1, G2, H1, H2 1 - 4 DR16K3.5 1 16 A1, A2, B1, B2, C1, C2, D1, D2, E1, E2, F1, F2, G1, G2, H1, H2 1 - 4 |