전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

301020013 데이터시트(PDF) 79 Page - ams-OSRAM AG

부품명 301020013
상세설명  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 데이터시트(HTML) 79 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 75Page - ams-OSRAM AG 301020013 Datasheet HTML 76Page - ams-OSRAM AG 301020013 Datasheet HTML 77Page - ams-OSRAM AG 301020013 Datasheet HTML 78Page - ams-OSRAM AG 301020013 Datasheet HTML 79Page - ams-OSRAM AG 301020013 Datasheet HTML 80Page - ams-OSRAM AG 301020013 Datasheet HTML 81Page - ams-OSRAM AG 301020013 Datasheet HTML 82Page - ams-OSRAM AG 301020013 Datasheet HTML 83Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
Dragster
Pin description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
79 / 109
/
Table 37: Connector 2 pinout
Pin number
Pin name
Pin type(1)
1
VSSESD/IO
GND
2
LVAL_CD_1
DO
3
Bit_12_Tap_C1
DO
4
Bit_11_Tap_C1
DO
5
Bit_10_Tap_C1
DO
6
Bit_09_Tap_C1
DO
7
Bit_08_Tap_C1
DO
8
Bit_07_Tap_C1
DO
9
Bit_06_Tap_C1
DO
10
Bit_05_Tap_C1
DO
11
Bit_04_Tap_C1
DO
12
Bit_03_Tap_C1
DO
13
Bit_02_Tap_C1
DO
14
Bit_01_Tap_C1
DO
15
Bit_00_Tap_C1
DO
16
VSSESD/IO
GND
17
Bit_00_Tap_D1
DO
18
Bit_01_Tap_D1
DO
19
Bit_02_Tap_D1
DO
20
Bit_03_Tap_D1
DO
21
Bit_04_Tap_D1
DO
22
Bit_05_Tap_D1
DO
23
Bit_06_Tap_D1
DO
24
Bit_07_Tap_D1
DO
25
Bit_08_Tap_D1
DO
26
Bit_09_Tap_D1
DO
27
Bit_10_Tap_D1
DO
28
Bit_11_Tap_D1
DO
29
Bit_12_Tap_D1
DO
30
Not connected
31
VSSESD/IO
GND
32
LVAL_CD_2
DO
33
Bit_12_Tap_C2
DO
34
Bit_11_Tap_C2
DO
35
Bit_10_Tap_C2
DO
36
Bit_09_Tap_C2
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More