| 전자부품 데이터시트 검색엔진 |
|
301020013 데이터시트(PDF) 62 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 데이터시트(HTML) 62 Page - ams-OSRAM AG |
|
62 / 109 page ![]() Dragster Soldering information Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 62 / 109 / 11 Soldering information Figure 32 shows the maximum recommended thermal profile for a reflow soldering system (following Standard J-STD-020), relative to LCC ceramic package. If the temperature/time profile exceeds these recommendations, damage to the image sensor can occur. Figure 32: Solder reflow profile graph Attention Image sensors with color filter arrays (CFA) are especially sensitive to high temperatures. Prolonged heating at elevated temperatures may result in deterioration of the optical performance of the sensor. A socket is the safest way to avoid any thermal stress. When not using a socket, to avoid heating up the device we recommend to use manual hand soldering. Wave soldering can be used with precautions (see below). Reflow soldering is not recommended. |