| 전자부품 데이터시트 검색엔진 |
|
301020013 데이터시트(PDF) 35 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 데이터시트(HTML) 35 Page - ams-OSRAM AG |
|
35 / 109 page ![]() Dragster Functional description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 35 / 109 / When using companding ADC mode, to reduce conversion time it is possible to still produce a linear sensor output by enabling on chip digital re-linearization circuitry (register 0x05 bit '1'). When using on chip re-linearization, the histogram will show missing codes in the range where the ADC was working in companding mode, that can be corrected by enabling on chip dithering (register 0x01 bit '3'). When in companding mode conversion time (CT) is obtained by the Equation 2: Equation 2: ������������ = [������ℎ1 + ������ℎ2 − ������ℎ1 2 + ������ℎ3 − ������ℎ2 4 + ������������������������������������������������ − ������ℎ3 8 ] × 32 × 1 ������������������������ Information: When using the ADC in companding mode, it is important to program the three thresholds strictly monotonously increasing, and smaller than the end of range value. Otherwise, the ADC will not function correctly and produce strongly distorted output signals. |