| 전자부품 데이터시트 검색엔진 |
|
301020013 데이터시트(PDF) 91 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 데이터시트(HTML) 91 Page - ams-OSRAM AG |
|
91 / 109 page ![]() Dragster Pin description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 91 / 109 / 12.4 Connector signal assignment for Invar headboard variant DR6K7 Information: In this module, analogue and digital grounds are in separate nets. When providing proper decoupling to these signals, the noise parameters can be reduced to a minimum. The data pin order differs from the other variations but the sensor control signals are placed in the same pins. With this it is possible to control the sensor with the same electronics and only changing the data pins reassignment on the processing board. Table 40: Connector 1 pinout Pin number Pin name Pin type(1) 1 N_CS_AB_1 DI 2 MISO_AB_1 DO 3 VDDA VDDA 4 VDDD VDDD 5 VSSD GND 6 VSSD GND 7 VSSA GND 8 Load_Pulse_AB_1 DI 9 VDDIO VDDIO 10 End_ADC_AB_1 DI 11 VDDA VDDA 12 VDD_Bulk VDD_Bulk 13 VDDD VDDD 14 VDDESD VDDESD 15 VSSD GND 16 VSSD GND 17 VSSA GND 18 VDDIO VDDIO 19 Test_Mux_AB_1 Analogue Monitor - Leave n.c. 20 VDDA VDDA 21 VDDD VDDD 22 VSSD GND 23 VSSD GND 24 VSSD GND 25 VSSA GND |