전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 2Page - STMicroelectronics VL53L8CH Datasheet HTML 3Page - STMicroelectronics VL53L8CH Datasheet HTML 4Page - STMicroelectronics VL53L8CH Datasheet HTML 5Page - STMicroelectronics VL53L8CH Datasheet HTML 6Page - STMicroelectronics VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics VL53L8CH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
2.4
System block diagram
Figure 3. VL53L8CH block diagram
2.5
Device pinout
Figure 4. VL53L8CH pinout (bottom view) shows the pinout of the VL53L8CH.
Figure 4. VL53L8CH pinout (bottom view)
The VL53L8CH pin description for the I²C and SPI configuration is given in Table 3. VL53L8CH pin description for
I²C and SPI configuration. For the pins that support both I²C and SPI protocol, the I²C description is listed first and
the SPI second.
VL53L8CH
System block diagram
DS14310 - Rev 3
page 6/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44