전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 32Page - STMicroelectronics VL53L8CH Datasheet HTML 33Page - STMicroelectronics VL53L8CH Datasheet HTML 34Page - STMicroelectronics VL53L8CH Datasheet HTML 35Page - STMicroelectronics VL53L8CH Datasheet HTML 36Page - STMicroelectronics VL53L8CH Datasheet HTML 37Page - STMicroelectronics VL53L8CH Datasheet HTML 38Page - STMicroelectronics VL53L8CH Datasheet HTML 39Page - STMicroelectronics VL53L8CH Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
11.4
Tape outline drawing
Figure 35. VL53L8CH tape and reel packaging drawing
11.5
Pb-free solder reflow process
Table 25. Recommended solder profile and Figure 36. Solder profile show the recommended and maximum
values for the solder profile.
Customers have to tune the reflow profile depending on the PCB, solder paste, and material used. We expect
customers to follow the “recommended” reflow profile, which is specifically tuned for the VL53L8CH package.
For any reason, if a customer must perform a reflow profile, which is different from the “recommended” one
(especially where the peak temperature is > 240°C), the new profile must be qualified by the customer at their
own risk. The profile has to be within the “maximum” profile limit described in Table 25. Recommended solder
profile.
Table 25. Recommended solder profile
Parameters
Recommended
Maximum
Units
Minimum temperature (TS min)
Maximum temperature (TS max)
Time ts (TS min to TS max)
130
200
90-110
150
200
60-120
°C
°C
s
Temperature (TL)
Time (tL)
Ramp up
217
55-65
2
217
55-65
3
°C
s
°C/s
Temperature (Tp-10)
Time (tp-10)
Ramp up
—
—
—
235
10
3
°C
s
°C/s
Peak temperature (Tp)
240
260
°C
Time to peak
300
300
s
Ramp down (peak to TL)
-4
-6
°C/s
VL53L8CH
Tape outline drawing
DS14310 - Rev 3
page 36/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com