전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 1 Page - STMicroelectronics

  VL53L8CH Datasheet HTML 1Page - STMicroelectronics VL53L8CH Datasheet HTML 2Page - STMicroelectronics VL53L8CH Datasheet HTML 3Page - STMicroelectronics VL53L8CH Datasheet HTML 4Page - STMicroelectronics VL53L8CH Datasheet HTML 5Page - STMicroelectronics VL53L8CH Datasheet HTML 6Page - STMicroelectronics VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Features
•
Compact and normalized histogram (CNH) data output for AI
–
Multizone data output up to 64 separate zones
–
Histogram output with signal count for each bin
–
Histogram size programmable up to 128 bins
–
Minimum bin width down to 37 mm
–
Maximum frequency up to 30 Hz through I²C or SPI
–
Ambient IR light level reported for each zone
–
All Time-of-Flight (ToF) processed data (distance, signal amplitude,
reflectance etc.) are available, in addition to CNH
•
Highly configurable CNH in order to meet user expectations
–
64 zones with 18 bins at 15 Hz
–
32 zones with 36 bins at 15 Hz
–
16 zones with 48 bins at 25 Hz
•
Wide ToF sensor with 65° field of view (FoV)
–
45° x 45° square FoV (65° diagonal)
–
Autonomous low-power mode with interrupt programmable thresholds to
wake up the host
–
Up to 400 cm ranging
–
Motion indicator for each zone to detect if targets have moved and how
they have moved
•
Fully integrated miniature module
–
Emitter: 940 nm invisible-light vertical-cavity surface-emitting laser
(VCSEL)
–
Diffractive optical elements (DOE) on both transmitter and receiver
enabling square FoV
–
Receiving array of single photon avalanche diodes (SPADs)
–
Low-power microcontroller running firmware
–
Size: 6.4 x 3.0 x 1.75 mm
•
Easy integration
–
Single reflowable component
–
Requires 1.8 V core supply and 3.3 V AVDD supply
–
Optional 1.2 V or 1.8 V IOVDD interface voltage levels
–
I²C (up to 1 MHz) or SPI (up to 3 MHz) interface
–
Compatible with wide range of cover glass materials
–
Driver compatible with VL53L7CH
–
Pin-to-pin compatible with VL53L8CX
Product status link
VL53L8CH
Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF)
sensor
VL53L8CH
Datasheet
DS14310 - Rev 3 - August 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


유사한 부품 번호 - VL53L8CH

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VL53L8CA STMICROELECTRONICS-VL53L8CA Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
VL53L8CX STMICROELECTRONICS-VL53L8CX Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
VL53L8CXV0GC/1 STMICROELECTRONICS-VL53L8CXV0GC/1 Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
More results

유사한 설명 - VL53L8CH

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501_15 Datasheet
120Kb / 2P
Time of Flight (ToF) Signal Processing IC
October 7, 2015
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501 Datasheet
553Kb / 23P
Time of Flight (ToF) Signal Processing IC
June 29, 2016
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501 Datasheet
1Mb / 22P
Time of Flight (ToF) Signal Processing IC
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501_V01 Datasheet
1,011Kb / 23P
Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
logo
STMicroelectronics
VL53L5CX STMICROELECTRONICS-VL53L5CX Datasheet
3Mb / 38P
Time-of-Flight 8x8 multizone ranging sensor with wide field of view
20-Jul-2022
VL53L7CX STMICROELECTRONICS-VL53L7CX Datasheet
3Mb / 40P
Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
12-Sep-2022
VL53L8CX STMICROELECTRONICS-VL53L8CX Datasheet
3Mb / 42P
Low-power high-performance 8x8 multizone Time-of-Flight sensor
16-Mar-2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com