전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics VL53L8CH Datasheet HTML 18Page - STMicroelectronics VL53L8CH Datasheet HTML 19Page - STMicroelectronics VL53L8CH Datasheet HTML 20Page - STMicroelectronics VL53L8CH Datasheet HTML 21Page - STMicroelectronics VL53L8CH Datasheet HTML 22Page - STMicroelectronics VL53L8CH Datasheet HTML 23Page - STMicroelectronics VL53L8CH Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
6.4
Current consumption
The current consumption values are given in Table 12. Current consumption.
•
Typical values quoted are for nominal voltage, process, and temperature (23°C).
•
Maximum values are quoted for the worst case conditions (process, voltage, and temperature), unless
stated otherwise (85°C)
Table 12. Current consumption
Device state
Average current consumption
Unit
AVDD
CORE_1V8
IOVDD
Typ.
Max.
Typ.
Max.
Typ.
Max.
LP idle
55
390
0.01
0.5
0.5
2
µA
HP idle
1
1.6
3
17
0.0003
0.002
mA
Active
ranging
43
50
50
80
0.003
0.006
Note:
Active ranging is when the device is actively ranging. The current consumption is not affected by a 4x4 or 8x8
zone configuration.
•
CORE_1V8 peak current is the average value +10 mA.
•
AVDD peak current is the average current +10 mA.
•
IOVDD peak current is the average value +10 mA.
Table 13. Example of typical power consumption in continuous mode
Parameter
AVDD 3.3 V
IOVDD/CORE_1V8 1.8V
Unit
Continuous mode (4x4 or 8x8 mode)
215
mW
Table 14. Example of typical power consumption in autonomous mode
Parameter
AVDD 3.3 V
IOVDD/CORE_1V8 1.8V
Unit
4x4 mode 1 Hz frame rate with 5 ms integration time
1.6
mW
4x4 mode 5 Hz frame rate with 5 ms integration time
12.5
8x8 mode 1 Hz frame rate with 5 ms integration time
6.7
8x8 mode 5 Hz frame rate with 5 ms integration time
32.3
6.5
Digital input and output
Table 15. I²C, SPI, INT, and SYNC summarize the digital I/O electrical characteristics.
Table 15. I²C, SPI, INT, and SYNC
Symbol
Parameter
IOVDD configuration
Min.
Max.
Unit
VIL
Low-level input voltage
1.2/1.8V
-0.3
0.3*IOVDD
V
VIH
High-level input voltage
V1.2/1.8V
0.7*IOVDD
IOVDD + 0.3
VOL
Low-level output voltage (IOUT = 4 mA)
1.2/1.8V
—
0.2*IOVDD
VOH
High-level output voltage (IOUT = 4 mA)
1.2/1.8V
0.8*IOVDD
—
VL53L8CH
Current consumption
DS14310 - Rev 3
page 20/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com