전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 12Page - STMicroelectronics VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics VL53L8CH Datasheet HTML 18Page - STMicroelectronics VL53L8CH Datasheet HTML 19Page - STMicroelectronics VL53L8CH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
5
SPI timing specification
This section specifies the SPI control interface used to control data transfer.
The communication interface is based on a 4-wire, serial, synchronous interface between the host (controller) and
the VL53L8CH (target device). Refer to the schematics in Section 2.6 Application schematics. The 4-wire
interface comprises the following four signals:
•
NCS: Chip select (active low)
•
MCLK: Main serial clock
•
MOSI: Main output secondary input, data output from controller
•
MISO: Main input secondary output, data output from target
All signals are CMOS inputs/outputs. Their levels are in line with the IOVDD supply. The SPI modes supported
are clock polarity = 1 and clock phase = 1. These modes correspond to data captured on a clock’s rising edge
and data propagated on a falling edge. The controller selects the target device with the NCS. The NCS enables
target transmission. It is an active low signal. After the device is selected with the falling edge of the NCS, an 8-bit
command can be received. If the VL53L8CH has not been activated using the NCS chip select line, the MCLK
input clock and MOSI signals are disregarded.
The falling edge (high to low transition) of the NCS signal is required to initiate an action. The transmission ends
with the rising edge (low-to-high transition). This causes the end of data transfer, and resets the internal counter
and command registers. All this reinitializes the serial communication.
While the register address is applied on the MOSI pin, the same information is mirrored on the MISO pin.
The NCS can be reset to a noncommunication state (high) at any time, including during a transaction. Should this
happen, the device resets its internal state machine. Consequently, any ongoing communications are aborted. No
internal changes to the registers occur, and the interface is ready to receive a new transaction again. However,
the SPI target can tolerate the MCLK being interrupted. It can resume at any point in time, without specific
duration limit.
During each SPI clock cycle, a full duplex data transmission occurs. The MOSI input is the data signal, provided
by the host to the device. It carries both the address and data information in write mode. Only address information
is in read mode. The controller sends a bit on the MOSI line and the target reads it. Concurrently, the target sends
a bit on the MISO line and the controller reads it. This sequence is maintained even when only one-directional
data transfer is intended.
The MISO output is the data signal, provided by the device to the host. It carries the data in read mode only, and
the mode register content during the address setup. Any internal register that can be written to, can also be read
from. There are also read-only registers that contain device status information. For example, design revision
details. A read instruction from an unused register location returns the value 0x00. A read instruction from the
manufacturer’s specific registers may return any value. A write instruction to a reserved or unused register
location is illegal. The effect of such a write is ignored. Transmission may continue for any number of clock cycles.
When complete, the controller stops toggling the clock signal, and typically deselects the target.
VL53L8CH
SPI timing specification
DS14310 - Rev 3
page 16/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com