전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 4 Page - STMicroelectronics

  VL53L8CH Datasheet HTML 1Page - STMicroelectronics VL53L8CH Datasheet HTML 2Page - STMicroelectronics VL53L8CH Datasheet HTML 3Page - STMicroelectronics VL53L8CH Datasheet HTML 4Page - STMicroelectronics VL53L8CH Datasheet HTML 5Page - STMicroelectronics VL53L8CH Datasheet HTML 6Page - STMicroelectronics VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
2
Product overview
2.1
Technical specifications
Table 1. Technical specifications
Feature
Detail
Package
Optical LGA16
Size
6.4 x 3.0 x 1.75 mm
Ranging
2 to 400 cm per zone
Operating voltage
AVDD: 3.3 V
CORE_1V8: 1.8 V
IOVDD: 1.2/1.8 V
Operating temperature
-30 to 85°C
Sample rate
Up to 60 Hz
Infrared emitter
940 nm
I²C and SPI interface
I²C: 1 MHz serial bus, address: 0x52
SPI: 3 MHz
Operating ranging mode
Continuous or autonomous (see UM3183 for more
information)
2.2
Field of view
The Rx (or collector) exclusion zone includes all module assembly tolerances. It is used to define the cover glass
dimensions. The cover glass opening must be equal to or wider than the exclusion zone.
The detection volume represents the applicative or system FoV in which a target is detected, and a distance
measured. The Rx lens or the Rx aperture determines the detection volume. It is narrower than the exclusion
zone.
Figure 1. System FoV and exclusion zone description (not to scale)
Table 2. FoV angles
Horizontal
Vertical
Diagonal
Detection volume
45°
45°
65°
Collector exclusion zone
57.9°
57.9°
86.6°
Note:
The detection volume depends on the following: environment and sensor configuration, target distance,
reflectance, ambient light level, sensor resolution, sharpener, ranging mode, and integration time.
VL53L8CH
Product overview
DS14310 - Rev 3
page 4/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com