전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 21Page - STMicroelectronics VL53L8CH Datasheet HTML 22Page - STMicroelectronics VL53L8CH Datasheet HTML 23Page - STMicroelectronics VL53L8CH Datasheet HTML 24Page - STMicroelectronics VL53L8CH Datasheet HTML 25Page - STMicroelectronics VL53L8CH Datasheet HTML 26Page - STMicroelectronics VL53L8CH Datasheet HTML 27Page - STMicroelectronics VL53L8CH Datasheet HTML 28Page - STMicroelectronics VL53L8CH Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
8.2.2
Maximum ranging distance 4x4
Table 19. Maximum ranging capabilities when ranging continuously at 30 Hz shows the maximum ranging
capability of the VL53L8CH under different conditions. Refer to Section 8.2.1 Measurement conditions for the
general test conditions.
Table 19. Maximum ranging capabilities when ranging continuously at 30 Hz
Target reflectance level. Full
FoV (reflectance %)
Zone
Dark
Ambient light (5 kLux)
White target (88%)
Inner
Typical 4000 mm
Minimum 4000 mm
Typical 2850 mm
Minimum 2850 mm
Corner
Typical 4000 mm
Minimum 4000 mm
Typical 2850 mm
Minimum 2700 mm
Light gray target (54%)
Inner
Typical 4000 mm
Minimum 4000 mm
Typical 2600 mm
Minimum 2550 mm
Corner
Typical 4000 mm
Minimum 4000 mm
Typical 2500 mm
Minimum 2400 mm
Gray target (17%)
Inner
Typical 4000 mm
Minimum 4000 mm
Typical 1650 mm
Minimum 1600 mm
Corner
Typical 3950 mm
Minimum 3900 mm
Typical 1550 mm
Minimum 1500 mm
8.2.3
Maximum ranging distance 8x8
Table 20. Maximum ranging capabilities when ranging continuously at 15 Hz shows the maximum ranging
capability of the VL53L8CH under different conditions. Refer to Section 8.2.1 Measurement conditions for the
general test conditions.
Table 20. Maximum ranging capabilities when ranging continuously at 15 Hz
Target reflectance level. Full
FoV (reflectance %)
Zone
Dark
Ambient light (5 kLux)
White target (88%)
Inner
Typical 4000 mm
Minimum 4000 mm
Typical 1550 mm
Minimum 1100 mm
Corner
Typical 3950 mm
Minimum 2900 mm
Typical 1400 mm
Minimum 1100 mm
Light gray target (54%)
Inner
Typical 3300 mm
Minimum 2350 mm
Typical 1400 mm
Minimum 1000 mm
Corner
Typical 3100 mm
Minimum 2100 mm
Typical 1250 mm
Minimum 950 mm
Gray target (17%)
Inner
Typical 2450 mm
Minimum 1500 mm
Typical 1150 mm
Minimum 900 mm
Corner
Typical 1950 mm
Minimum 1300 mm
Typical 950 mm
Minimum 700 mm
VL53L8CH
Continuous ranging mode
DS14310 - Rev 3
page 25/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com