전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 3Page - STMicroelectronics VL53L8CH Datasheet HTML 4Page - STMicroelectronics VL53L8CH Datasheet HTML 5Page - STMicroelectronics VL53L8CH Datasheet HTML 6Page - STMicroelectronics VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics VL53L8CH Datasheet HTML 10Page - STMicroelectronics VL53L8CH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Table 3. VL53L8CH pin description for I²C and SPI configuration
Pin number
Signal name
Signal type
Signal description
A1
INT
Digital input/output
(I/O)
Interrupt output, defaults to open drain output
(tristate), 47 kΩ pullup resistor to IOVDD required
A2
LPn
Digital input
Enables communication. Drive this pin to logic 0
to disable I²C communication when the device is
in low-power mode. Drive this pin to logic 1 to
enable I²C communication in low-power mode.
This pin is typically used when you need to
change the I²C address in multidevice systems. If
it is not used, or if interfacing via the SPI,
connect to IOVDD with a 47 kΩ pullup resistor.
A3
IOVDD
Power
1.2 V or 1.8 V I/O supply
A4
SDA / MOSI
Digital input/output
(I/O)
I²C: Data (bidirectional), 2.2 kΩ pullup resistor
required to IOVDD
SPI: Main output secondary input
A5
SCL/MCLK
Digital input
I²C: Clock (input), 2.2 kΩ pullup resistor required
to IOVDD
SPI: Main clock
A6
RSVD1
Reserved
Connect to ground
A7
RSVD2
Reserved
Connect to ground
B1
SYNC
Digital input/output
(I/O)
General purpose I/O, defaults to open drain
output (tristate), 47 kΩ pullup resistor required to
IOVDD
B4
THERMALPAD
Ground
Connect to a ground plane to allow good thermal
conduction
B7
CORE_1V8
Power
1.8 V analog core supply
C1
SPI_I2C_N
Digital input
I²C: Low value selects I²C mode - Connect to
GND with 47 kΩ pulldown resistor.
Also used as I²C interface reset pin, active high.
Toggle this pin from 0 to 1, then back to 0 to
reset the I²C target.
SPI: Connect to IOVDD with 47 kΩ pullup
resistor
C2
NCS
Digital input
I²C: Not used - Connect to GND with 47 kΩ
pulldown resistor
SPI: Active low chip select. 47 kΩ pullup resistor
required to IOVDD
C3
GND
Ground
Ground
C4
AVDD
Power
3.3 V analog and VCSEL supply
C5
MISO
Digital output
I²C: Do not connect
SPI: Main input secondary output. Push-pull
driven to IOVDD level
C6
RSVD3
Reserved
Connect to ground
C7
Ground
Ground
Ground
Note:
The THERMALPAD pin has to be connected to ground (for more information refer to the AN5897).
Note:
All digital signals must be driven to the IOVDD level.
Note:
Toggling the I2C_RST pin resets the sensor I²C communication only. It does not reset the sensor itself. To reset
the sensor, refer to the sensor reset management procedure (UM3183).
VL53L8CH
Device pinout
DS14310 - Rev 3
page 7/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com