전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 23Page - STMicroelectronics VL53L8CH Datasheet HTML 24Page - STMicroelectronics VL53L8CH Datasheet HTML 25Page - STMicroelectronics VL53L8CH Datasheet HTML 26Page - STMicroelectronics VL53L8CH Datasheet HTML 27Page - STMicroelectronics VL53L8CH Datasheet HTML 28Page - STMicroelectronics VL53L8CH Datasheet HTML 29Page - STMicroelectronics VL53L8CH Datasheet HTML 30Page - STMicroelectronics VL53L8CH Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
8.3
Autonomous ranging mode
8.3.1
Measurement conditions
The following criteria and test conditions apply to all the characterization results detailed in this section unless
specified otherwise:
•
The specified target fills 100% of the FoV of the device (in all zones).
•
Targets used are Munsell N4.75 (17%), Munsell N8.25 (54%), and Munsell N9.5 (88%).
•
AVDD is 3.3 V, IOVDD is 1.8 V, and CORE_1V8 is 1.8 V.
•
Nominal ambient temperature is 23°C.
•
Maximum range capability is based on a 90% detection rate. (1)
•
Range accuracy figures are based on 2.7 sigma. This means that 99.3% of measurements are within the
specified accuracy.
•
Tests are performed in the dark and at 2 W/m2 target illumination (940 nm). A 2 W/m2 target irradiance at
940 nm is equivalent to 5 kLux daylight.
•
All tests are performed without cover glasses with a crosstalk margin set to 0 kcps.
•
The sensor relies on default calibration data.
•
The device is controlled through the API using the default driver settings.
1. Detection rate is a statistical value indicating the worst case percentage of measurements that return a valid ranging. For
example, taking 1000 measurements with a 90% detection rate, gives 900 valid distances. The 100 other distances may be
outside the specification, or flagged with an invalid target status.
8.3.2
Maximum ranging distance 4x4
Table 22. Maximum ranging capabilities when ranging with autonomous mode at 1 Hz – 4x4 – integration time 5
ms shows the maximum ranging capability of the VL53L8CH under different conditions. Refer to
Section 8.2.1 Measurement conditions for the general test conditions.
Table 22. Maximum ranging capabilities when ranging with autonomous mode at 1 Hz – 4x4 – integration
time 5 ms
Target reflectance level. Full
FoV (reflectance %)
Zone
Dark
Ambient light (5 kLux)
White target (88%)
Inner
Typical 4000 mm
Minimum 4000 mm
Typical 1550 mm
Minimum 1100 mm
Corner
Typical 4000 mm
Minimum 4000 mm
Typical 1400 mm
Minimum 1100 mm
Light gray target (54%)
Inner
Typical 4000 mm
Minimum 4000 mm
Typical 1450 mm
Minimum 1100 mm
Corner
Typical 3700 mm
Minimum 3500 mm
Typical 1300 mm
Minimum 1100 mm
Gray target (17%)
Inner
Typical 3000 mm
Minimum 3000 mm
Typical 1350 mm
Minimum 1100 mm
Corner
Typical 2550 mm
Minimum 2400 mm
Typical 1200 mm
Minimum 1000 mm
VL53L8CH
Autonomous ranging mode
DS14310 - Rev 3
page 27/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com