전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 31Page - STMicroelectronics VL53L8CH Datasheet HTML 32Page - STMicroelectronics VL53L8CH Datasheet HTML 33Page - STMicroelectronics VL53L8CH Datasheet HTML 34Page - STMicroelectronics VL53L8CH Datasheet HTML 35Page - STMicroelectronics VL53L8CH Datasheet HTML 36Page - STMicroelectronics VL53L8CH Datasheet HTML 37Page - STMicroelectronics VL53L8CH Datasheet HTML 38Page - STMicroelectronics VL53L8CH Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
11
Packaging and labeling
11.1
Product marking
See the figure below for the product marking area. The marking is L8A-
Figure 33. Product marking area
A 2D product marking code is applied on the corner of the module cap as shown in Figure 34. 2D marking product
code.
Note:
The 2D marking code aligns with pin C7 of the module and is not an indicator of pin 1.
Figure 34. 2D marking product code
11.2
Inner box labeling
The labeling follows the Microelectronics' standard packing acceptance specification. The following information is
on the inner box label:
•
Assembly site
•
Sales type
•
Quantity
•
Trace code
•
Marking
•
Bulk ID number
11.3
Packing
At customer/subcontractor level, it is recommended to mount the VL53L8CH in a clean environment. To help
avoid any foreign material contamination at final assembly level, the modules are shipped in a tape and reel
format with a protective liner. The liner is compliant with reflow at 260°C (as per JEDEC-STD-020E).
Note:
The liner must be removed during assembly of the customer device, just before mounting the cover glass.
VL53L8CH
Packaging and labeling
DS14310 - Rev 3
page 35/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com