전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics VL53L8CH Datasheet HTML 18Page - STMicroelectronics VL53L8CH Datasheet HTML 19Page - STMicroelectronics VL53L8CH Datasheet HTML 20Page - STMicroelectronics VL53L8CH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Table 8. SPI interface timing specification
Parameter
Symbol
Min.
Max.
Unit
Notes
Operating frequency
Fspi
—
3
MHz
MCLK
Time from NCS active and MCLK
falling edge
Tncs_to_clk
0
—
ns
Rise/Fall time on MISO
TriseFallMiso
—
3
ns
With 20 pF load
max
Duty cycle
Duty
40
60
%
Time from MOSI stable to MCLK
rising edge
Tmosi_to_clk
16
—
ns
Time MOSI must remain stable
after MCLK rising edge
Tclk_to_ncs
16
—
ns
Time from last MCLK rising edge
to NCS going inactive
Tclk_to_dat
0
—
ns
Propagation delay from falling
MCLK edge to MISO data valid
—
20
ns
With 20 pF load
max
5.1
SPI write messages
The write timing sequence is shown in Figure 17. SPI writing timing sequence. Once the NCS selects the device,
the controller sends a write command to the VL53L8CH. The controller then provides a clock to output the status.
The writing sequence starts with the MOSI initial value equal to 1. The address is sent first, and the data is sent
afterwards. The most significant bit is sent first (big-endian format). The address length is 15 bits. Data length is
8 bits.
Figure 17. SPI writing timing sequence
If the host continues to transmit data beyond the first 8 data bits, then the target goes into autoincrement write
mode. The autoincrement write timing sequence is shown in Figure 18. SPI autoincrement write sequence. The
MOSI initial value is 1. The address is incremented automatically and internally by the target. Subsequent data
bits correspond to incrementing addresses.
Figure 18. SPI autoincrement write sequence
VL53L8CH
SPI write messages
DS14310 - Rev 3
page 17/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com