전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics VL53L8CH Datasheet HTML 10Page - STMicroelectronics VL53L8CH Datasheet HTML 11Page - STMicroelectronics VL53L8CH Datasheet HTML 12Page - STMicroelectronics VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
3.3
Power up sequence
The VL53L8CH requires three power supplies:
•
CORE_1V8: Analog core supply fixed at 1.8 V.
•
AVDD: Analog and VCSEL supply fixed at 3.3 V.
•
IOVDD: Voltage supply to the IO, which may be either 1.2 V or 1.8 V depending on the system it is
integrating with. If IOVDD is 1.8 V, then the same supply may be used for both IOVDD and CORE_1V8.
When powering up the device, the three supplies should be applied at the same time.
When powering down the device, the three supplies should be removed at the same time.
To ensure proper operation of the module, the following minimum slew rates on the supplies (see Figure 9. Power
up slew) must be met. This ensures correct operation of the power on the reset circuitry. The circuitry triggers at
0.9 V. However, the supplies should reach their operation levels in accordance with the slew rates listed in
Table 5. Supply slew minimum limits.
Figure 9. Power up slew
Note:
The minimum reset time is the minimum time required for the device RAM to load and boot up after CORE_1V8
reaches the power-on reset rising threshold. The supply must have reached the minimum operating level (1.6 V)
within this time.
Note:
The AVDD rise time is determined by the internal analog levels, which must be stable for correct operation.
Note:
CORE_1V8 and IOVDD are assumed to be the same supply (1V8) in Figure 9. Power up slew. If using 1V2,
then IOVDD should be applied at the same time as the other supplies.
Table 5. Supply slew minimum limits
Supply status
AVDD slew
CORE_1V8 slew
IOVDD slew
Start together
0.001 V/µs
0.012 V/µs
0.012 V/µs
AVDD stable followed by
CORE_1V8 and IOVDD
—
0.012 V/µs
0.012 V/µs
CORE_1V8 stable followed
by AVDD and IOVDD
0.001 V/µs
—
0.012 V/µs
IOVDD stable followed by
AVDD and CORE_1V8
0.001 V/µs
0.012 V/µs
—
VL53L8CH
Power up sequence
DS14310 - Rev 3
page 11/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com