전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 24Page - STMicroelectronics VL53L8CH Datasheet HTML 25Page - STMicroelectronics VL53L8CH Datasheet HTML 26Page - STMicroelectronics VL53L8CH Datasheet HTML 27Page - STMicroelectronics VL53L8CH Datasheet HTML 28Page - STMicroelectronics VL53L8CH Datasheet HTML 29Page - STMicroelectronics VL53L8CH Datasheet HTML 30Page - STMicroelectronics VL53L8CH Datasheet HTML 31Page - STMicroelectronics VL53L8CH Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
8.3.3
Maximum ranging distance 8x8
Table 23. Maximum ranging capabilities when ranging with autonomous mode at 1 Hz – 8x8 – integration time 5
ms shows the maximum ranging capability of the VL53L8CH under different conditions. Refer to
Section 8.2.1 Measurement conditions for the general test conditions.
Table 23. Maximum ranging capabilities when ranging with autonomous mode at 1 Hz – 8x8 – integration
time 5 ms
Target reflectance level. Full
FoV (reflectance %)
Zone
Dark
Ambient light (5 kLux)
White target (88%)
Inner
Typical 3600 mm
Minimum 2400 mm
Typical 1250 mm
Minimum 1000 mm
Corner
Typical 2850 mm
Minimum 1700 mm
Typical 1150 mm
Minimum 800 mm
Light gray target (54%)
Inner
Typical 2600 mm
Minimum 1900 mm
Typical 1100 mm
Minimum 900 mm
Corner
Typical 2200 mm
Minimum 1350 mm
Typical 1000 mm
Minimum 750 mm
Gray target (17%)
Inner
Typical 1400 mm
Minimum 1200 mm
Typical 850 mm
Minimum 800 mm
Corner
Typical 1350 mm
Minimum 900 mm
Typical 700 mm
Minimum 700 mm
VL53L8CH
Autonomous ranging mode
DS14310 - Rev 3
page 28/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com