전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L8CH 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 VL53L8CH
상세설명  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 25Page - STMicroelectronics VL53L8CH Datasheet HTML 26Page - STMicroelectronics VL53L8CH Datasheet HTML 27Page - STMicroelectronics VL53L8CH Datasheet HTML 28Page - STMicroelectronics VL53L8CH Datasheet HTML 29Page - STMicroelectronics VL53L8CH Datasheet HTML 30Page - STMicroelectronics VL53L8CH Datasheet HTML 31Page - STMicroelectronics VL53L8CH Datasheet HTML 32Page - STMicroelectronics VL53L8CH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
8.3.4
Range accuracy in autonomous mode
Figure 28. Range accuracy vs distance illustrates how range accuracy is defined over distance.
Figure 28. Range accuracy vs distance
Table 24. Range accuracy in autonomous mode
Mode
Distance
Target reflectance
Dark (0 kLux)
Ambient light (5 kLux)
4x4 at 1 Hz and 5 ms
integration time
20-200 mm
White target (88%)
±11 mm
±12 mm
Light gray target (54%)
±10 mm
±12 mm
Gray target (17%)
±10 mm
±14 mm
200-4000 mm
White target (88%)
±3%
±5%
Light gray target (54%)
±4%
±6%
Gray target (17%)
±4%
±8%
8x8 at 1 Hz and 5 ms
integration time
20-200 mm
White target (88%)
±10 mm
±10 mm
Light gray target (54%)
±10 mm
±12 mm
Gray target (17%)
±11 mm
±14 mm
200-4000 mm
White target (88%)
±5%
±6%
Light gray target (54%)
±6%
±8%
Gray target (17%)
±6%
±11%
Note:
The accuracy of the corner zone data compared to the center 4 zones may degrade by up to 4%.
Note:
The accuracy in Table 24. Range accuracy in autonomous mode assumes a correctly mounted module. Final
assemblies should include additional tolerance for a PCB assembly tilt, and mounting of the PCB in a product
housing. Typically an additional 1~2%.
VL53L8CH
Autonomous ranging mode
DS14310 - Rev 3
page 29/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com