전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 269 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 269 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 265Page - Motorola, Inc HCS08 Datasheet HTML 266Page - Motorola, Inc HCS08 Datasheet HTML 267Page - Motorola, Inc HCS08 Datasheet HTML 268Page - Motorola, Inc HCS08 Datasheet HTML 269Page - Motorola, Inc HCS08 Datasheet HTML 270Page - Motorola, Inc HCS08 Datasheet HTML 271Page - Motorola, Inc HCS08 Datasheet HTML 272Page - Motorola, Inc HCS08 Datasheet HTML 273Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
269
MC9S08GB/GT
Figure A-6 Typical Run IDD for FBE and FEE Modes, IDD vs VDD
Figure A-7 Typical Stop1 IDD
18
16
14
12
10
8
6
4
2
0
20 MHz, ATDoff, FEE, 25°C
20 MHz, ATDoff, FBE, 25°C
8 MHz, ATDoff, FBE, 25°C
8 MHz, ATDoff, FEE, 25°C
1 MHz, ATDoff, FEE, 25°C
1 MHz, ATDoff, FBE, 25°C
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.8
VDD (Vdc)
2.5
2
1.5
0
400
600
800
1000
1200
VDD (V)
25
°C
200
3
3.5
70
°C
85
°C
4
NOTES:
1. Clock sources and LVD are all disabled (OSCSTEN = LVDSE = 0).
2. All I/O are set as outputs and driven to VSS with no load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com