전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 216 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 216 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 212Page - Motorola, Inc HCS08 Datasheet HTML 213Page - Motorola, Inc HCS08 Datasheet HTML 214Page - Motorola, Inc HCS08 Datasheet HTML 215Page - Motorola, Inc HCS08 Datasheet HTML 216Page - Motorola, Inc HCS08 Datasheet HTML 217Page - Motorola, Inc HCS08 Datasheet HTML 218Page - Motorola, Inc HCS08 Datasheet HTML 219Page - Motorola, Inc HCS08 Datasheet HTML 220Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 290 page
background image
Inter-Integrated Circuit (IIC) Module
MC9S08GB/GT
216
MOTOROLA
If the generated SDA hold value is not acceptable, the MULT bits can be used to change the ICR. This
will result in a different SDA hold value.
Table 13-3 IIC Divider and Hold Values
ICR
(hex)
SCL Divider
SDA Hold
Value
ICR
(hex)
SCL Divider
SDA Hold
Value
00
20
7
20
160
17
01
22
7
21
192
17
02
24
8
22
224
33
03
26
8
23
256
33
04
28
9
24
288
49
05
30
9
25
320
49
06
34
10
26
384
65
07
40
10
27
480
65
08
28
7
28
320
33
09
32
7
29
384
33
0A
36
9
2A
448
65
0B
40
9
2B
512
65
0C
44
11
2C
576
97
0D
48
11
2D
640
97
0E
56
13
2E
768
129
0F
68
13
2F
960
129
10
48
9
30
640
65
11
56
9
31
768
65
12
64
13
32
896
129
13
72
13
33
1024
129
14
80
17
34
1152
193
15
88
17
35
1280
193
16
104
21
36
1536
257
17
128
21
37
1920
257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com