전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 217 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 217 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 213Page - Motorola, Inc HCS08 Datasheet HTML 214Page - Motorola, Inc HCS08 Datasheet HTML 215Page - Motorola, Inc HCS08 Datasheet HTML 216Page - Motorola, Inc HCS08 Datasheet HTML 217Page - Motorola, Inc HCS08 Datasheet HTML 218Page - Motorola, Inc HCS08 Datasheet HTML 219Page - Motorola, Inc HCS08 Datasheet HTML 220Page - Motorola, Inc HCS08 Datasheet HTML 221Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
217
MC9S08GB/GT
13.5.3 IIC Control Register (IICC)
Figure 13-7 IIC Control Register (IICC)
IICEN — IIC Enable
The IICEN bit determines whether the IIC module is enabled.
1 = IIC is enabled.
0 = IIC is not enabled.
IICIE — IIC Interrupt Enable
The IICIE bit determines whether an IIC interrupt is requested.
1 = IIC interrupt request enabled.
0 = IIC interrupt request not enabled.
MST — Master Mode Select
The MST bit is changed from a 0 to a 1 when a START signal is generated on the bus and master mode
is selected. When this bit changes from a 1 to a 0 a STOP signal is generated and the mode of operation
changes from master to slave.
1 = Master Mode.
0 = Slave Mode.
18
80
9
38
1280
129
19
96
9
39
1536
129
1A
112
17
3A
1792
257
1B
128
17
3B
2048
257
1C
144
25
3C
2304
385
1D
160
25
3D
2560
385
1E
192
33
3E
3072
513
1F
240
33
3F
3840
513
Bit 7
654321
Bit 0
Read:
IICEN
IICIE
MST
TX
TXAK
000
Write:
RSTA
Reset:
00000000
= Unimplemented or Reserved
Table 13-3 IIC Divider and Hold Values (Continued)
ICR
(hex)
SCL Divider
SDA Hold
Value
ICR
(hex)
SCL Divider
SDA Hold
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com