전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 220 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 220 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 216Page - Motorola, Inc HCS08 Datasheet HTML 217Page - Motorola, Inc HCS08 Datasheet HTML 218Page - Motorola, Inc HCS08 Datasheet HTML 219Page - Motorola, Inc HCS08 Datasheet HTML 220Page - Motorola, Inc HCS08 Datasheet HTML 221Page - Motorola, Inc HCS08 Datasheet HTML 222Page - Motorola, Inc HCS08 Datasheet HTML 223Page - Motorola, Inc HCS08 Datasheet HTML 224Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 290 page
background image
Inter-Integrated Circuit (IIC) Module
MC9S08GB/GT
220
MOTOROLA
13.5.5 IIC Data I/O Register (IICD)
Figure 13-9 IIC Data I/O Register (IICD)
DATA — Data
In master transmit mode, when data is written to the IICD, a data transfer is initiated. The most
significant bit is sent first. In master receive mode, reading this register initiates receiving of the next
byte of data.
NOTE:
When transitioning out of master receive mode, the IIC mode should be switched
before reading the IICD register to prevent an inadvertent initiation of a master
receive data transfer.
In slave mode, the same functions are available after an address match has occurred.
Note that the TX bit in the IICC must correctly reflect the desired direction of transfer in master and
slave modes for the transmission to begin. For instance, if the IIC is configured for master transmit but
a master receive is desired, then reading the IICD will not initiate the receive.
Reading the IICD will return the last byte received while the IIC is configured in either master receive
or slave receive modes. The IICD does not reflect every byte that is transmitted on the IIC bus, nor can
software verify that a byte has been written to the IICD correctly by reading it back.
In master transmit mode, the first byte of data written to IICD following assertion of MST is used for
the address transfer and should comprise of the calling address (in bit 7–bit 1) concatenated with the
required R/W bit (in position bit 0).
Bit 7
654321
Bit 0
Read:
DATA
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com