전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 222 Page - Motorola, Inc

부품명 HCS08
상세설명  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 데이터시트(HTML) 222 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 218Page - Motorola, Inc HCS08 Datasheet HTML 219Page - Motorola, Inc HCS08 Datasheet HTML 220Page - Motorola, Inc HCS08 Datasheet HTML 221Page - Motorola, Inc HCS08 Datasheet HTML 222Page - Motorola, Inc HCS08 Datasheet HTML 223Page - Motorola, Inc HCS08 Datasheet HTML 224Page - Motorola, Inc HCS08 Datasheet HTML 225Page - Motorola, Inc HCS08 Datasheet HTML 226Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 290 page
background image
Analog-to-Digital Converter (ATD) Module
MC9S08GB/GT
222
MOTOROLA
14.1 Introduction
The ATD module is an analog-to-digital converter with a successive approximation register (SAR)
architecture with sample and hold.
14.1.1 Features
•
8-/10-bit resolution
•
14.0
µsec, 10-bit single conversion time at a conversion frequency of 2 MHz
•
Left-/right-justified result data
•
Left-justified signed data mode
•
Conversion complete flag or conversion complete interrupt generation
•
Analog input multiplexer for up to eight analog input channels
•
Single or continuous conversion mode
14.1.2 Modes of Operation
The ATD has two modes for low power
•
Stop mode
•
Power-down mode
14.1.2.1 Stop Mode
When the MCU goes into stop mode, the MCU stops the clocks and the ATD analog circuitry is turned
off, placing the module into a low-power state. Once in stop mode, the ATD module aborts any single or
continuous conversion in progress. Upon exiting stop mode, no conversions occur and the registers have
their previous values. As long as the ATDPU bit is set prior to entering stop mode, the module is
reactivated coming out of stop.
14.1.2.2 Power Down Mode
Clearing the ATDPU bit in register ATDC also places the ATD module in a low-power state. The ATD
conversion clock is disabled and the analog circuitry is turned off, placing the module in power-down
mode. (This mode does not remove power to the ATD module.) Once in power-down mode, the ATD
module aborts any conversion in progress. Upon setting the ATDPU bit, the module is reactivated. During
power-down mode, the ATD registers are still accessible.
Note that the reset state of the ATDPU bit is zero. Therefore, the module is reset into the power-down state.
14.1.3 Block Diagram
Figure 14-2 illustrates the functional structure of the ATD module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com