| 전자부품 데이터시트 검색엔진 |
|
APEX20KC 데이터시트(PDF) 5 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC 데이터시트(HTML) 5 Page - Altera Corporation |
|
5 / 90 page ![]() Altera Corporation 5 APEX 20KC Programmable Logic Device Data Sheet APEX 20KC devices include additional features such as enhanced I/O standard support, CAM, additional global clocks, and enhanced ClockLock clock circuitry. Table 7 shows the features included in APEX 20KC devices. Table 7. APEX 20KC Device Features (Part 1 of 2) Feature APEX 20KC Devices MultiCore system integration Full support Hot-socketing support Full support SignalTap logic analysis Full support 32-/64-bit, 33-MHz PCI Full compliance 32-/64-bit, 66-MHz PCI Full compliance in -7 and -8 speed grades in selected devices MultiVolt I/O 1.8-V, 2.5-V, or 3.3-V VCCIO VCCIO selected bank by bank 5.0-V tolerant with use of external resistor ClockLock support Clock delay reduction m /(n × v) clock multiplication Drive ClockLock output off-chip External clock feedback ClockShift circuitry LVDS support Up to four PLLs ClockShift clock phase adjustment Dedicated clock and input pins Eight |