전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APEX20KC 데이터시트(PDF) 10 Page - Altera Corporation

부품명 APEX20KC
상세설명  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTERA [Altera Corporation]
홈페이지  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC 데이터시트(HTML) 10 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 6Page - Altera Corporation APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation APEX20KC Datasheet HTML 10Page - Altera Corporation APEX20KC Datasheet HTML 11Page - Altera Corporation APEX20KC Datasheet HTML 12Page - Altera Corporation APEX20KC Datasheet HTML 13Page - Altera Corporation APEX20KC Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
10
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Figure 3. LAB Structure
Each LAB contains dedicated logic for driving control signals to its LEs
and ESBs. The control signals include clock, clock enable, asynchronous
clear, asynchronous preset, asynchronous load, synchronous clear, and
synchronous load signals. A maximum of six control signals can be used
at a time. Although synchronous load and clear signals are generally used
when implementing counters, they can also be used with other functions.
Each LAB can use two clocks and two clock enable signals. Each LAB’s
clock and clock enable signals are linked (e.g., any LE in a particular LAB
using CLK1 will also use CLKENA1). LEs with the same clock but different
clock enable signals either use both clock signals in one LAB or are placed
into separate LABs.
If both the rising and falling edges of a clock are used in a LAB, both LAB-
wide clock signals are used.
To/From
Adjacent LAB,
ESB, or IOEs
To/From
Adjacent LAB,
ESB, or IOEs
The 10 LEs in the LAB are driven by
two local interconnect areas. These LEs
can drive two local interconnect areas.
Local Interconnect
LEs drive local,
MegaLAB, row,
and column
interconnects.
Column
Interconnect
Row
Interconnect
MegaLAB Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90