전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 49 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 49 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 45Page - STMicroelectronics L6986I_V01 Datasheet HTML 46Page - STMicroelectronics L6986I_V01 Datasheet HTML 47Page - STMicroelectronics L6986I_V01 Datasheet HTML 48Page - STMicroelectronics L6986I_V01 Datasheet HTML 49Page - STMicroelectronics L6986I_V01 Datasheet HTML 50Page - STMicroelectronics L6986I_V01 Datasheet HTML 51Page - STMicroelectronics L6986I_V01 Datasheet HTML 52Page - STMicroelectronics L6986I_V01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
8.2
Load regulation of the evaluation boards
Figure 60. STEVAL-A6986IV1, VIN = 12 V, fSW = 500 kHz (VISO+)
18
18.1
18.2
18.3
18.4
18.5
18.6
18.7
18.8
18.9
19
0
20
40
60
80
100
Output current [mA]
Figure 61. STEVAL-A6986IV1, VIN = 12 V, fSW = 500 kHz (VISO-)
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
0
20
40
60
80
100
Output current [mA]
Figure 62. STEVAL-L6986IV1, VIN = 12 V, fSW = 500 kHz (VISO+)
18
18.1
18.2
18.3
18.4
18.5
18.6
18.7
18.8
18.9
19
0
20
40
60
80
100
Output current [mA]
L6986I
Load regulation of the evaluation boards
DS13647 - Rev 2
page 49/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com