전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 26Page - STMicroelectronics L6986I_V01 Datasheet HTML 27Page - STMicroelectronics L6986I_V01 Datasheet HTML 28Page - STMicroelectronics L6986I_V01 Datasheet HTML 29Page - STMicroelectronics L6986I_V01 Datasheet HTML 30Page - STMicroelectronics L6986I_V01 Datasheet HTML 31Page - STMicroelectronics L6986I_V01 Datasheet HTML 32Page - STMicroelectronics L6986I_V01 Datasheet HTML 33Page - STMicroelectronics L6986I_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
6.3
Voltage supervisor
The embedded voltage supervisor (composed of the RST and the DELAY pins) monitors the regulated output
voltage and keeps the RST open collector output in low impedance as long as the VOUT is out of regulation (i.e.
lower than 93% of the target output voltage). In order to ensure a proper reset of digital devices with a valid power
supply, the device can delay the RST assertion with a programmable time.
Figure 34. Voltage supervisor operation
When the RST comparator detects the output voltage is in regulation, a 2 mA internal current source starts to
charge an external capacitor to implement a voltage ramp on the DELAY pin. The RST open collector is then
released as soon as VDELAY = 1.234 V (see Figure 35). The CDELAY is dimensioned as follows.
CDELAY=ISSCH∙TDELAY
VDELAY =2μA∙TDELAY
1.234V
(28)
The maximum suggested capacitor value is 270 nF.
The L6986I also activates internal pull-down on RST pin in case overvoltage protection is triggered. As soon as
the output voltage goes below OVP threshold (20% typ.), the 2 µA internal current source starts to charge an
external capacitor to implement a voltage ramp on the DELAY pin. The RST open collector is then released as
soon as VDELAY = 1.234 V (see figure below).
Figure 35. Voltage supervisor operation during OVP
L6986I
Voltage supervisor
DS13647 - Rev 2
page 30/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com