전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 7Page - STMicroelectronics L6986I_V01 Datasheet HTML 8Page - STMicroelectronics L6986I_V01 Datasheet HTML 9Page - STMicroelectronics L6986I_V01 Datasheet HTML 10Page - STMicroelectronics L6986I_V01 Datasheet HTML 11Page - STMicroelectronics L6986I_V01 Datasheet HTML 12Page - STMicroelectronics L6986I_V01 Datasheet HTML 13Page - STMicroelectronics L6986I_V01 Datasheet HTML 14Page - STMicroelectronics L6986I_V01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
4.4
Iso-buck operation principle
The picture below describes the operation principle of the iso-buck converter.
When the high side MOSFET is turned on, the current flows through the primary winding of the transformer
and charges the primary output capacitor. Considering the dot convention of the transformer, the voltage at the
anode of the Schottky diode is negative, hence the diode is reverse biased and no current flows in the secondary
winding. The load connected to the secondary output is supplied by Cout2.
When the low side MOSFET is turned on, the voltage applied at the transformer windings inverts its polarity.
As consequence, the Schottky diode is now forward biased and allows the current to flow from the secondary
winding to Cout and the load. Under this condition the energy transfer from primary to secondary side occurs.
Figure 7. Iso-buck basic operating principle
The waveforms in the figure below reproduce the trend of the current in the two windings in according to the
switch node transitions.
L6986I
Iso-buck operation principle
DS13647 - Rev 2
page 11/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com