전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 14Page - STMicroelectronics L6986I_V01 Datasheet HTML 15Page - STMicroelectronics L6986I_V01 Datasheet HTML 16Page - STMicroelectronics L6986I_V01 Datasheet HTML 17Page - STMicroelectronics L6986I_V01 Datasheet HTML 18Page - STMicroelectronics L6986I_V01 Datasheet HTML 19Page - STMicroelectronics L6986I_V01 Datasheet HTML 20Page - STMicroelectronics L6986I_V01 Datasheet HTML 21Page - STMicroelectronics L6986I_V01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
4.8
Output voltage load regulation
Primary output load regulation
Figure below shows negligible primary output voltage variation (normalized to the value measured at IOUT = 0 A)
over the entire output current range for the L6986I with VOUT = 5.3 V.
Figure 19. Load regulation of the not isolated output
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0.6%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IOUT_prim [A]
Secondary output load regulation
Since there is not a regulation loop involving the secondary output, its load regulation depends to some extent
on the primary load regulation and is affected by the leakage inductance (see figure below) of the transformer,
the voltage drops across to the Schottky diode (diode forward voltage) and the DCR of the secondary coil, as
indicated by the equation (1) (where only the last two contribution are considered). Minimizing all the mentioned
parameters leads to a better load regulation.
Figure 20. Effect of the transformer leakage inductance on the isolated output load regulation
-15%
-10%
-5%
0%
5%
10%
15%
10
20
30
40
50
60
70
80
90
100
IOUT [mA]
Lleak = 240nH
Lleak = 700nH
The input voltage also plays a role in the isolated output regulation. The figure below further proves the slight
dependency of the isolated output voltage on the input voltage.
L6986I
Output voltage load regulation
DS13647 - Rev 2
page 18/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com