전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 34Page - STMicroelectronics L6986I_V01 Datasheet HTML 35Page - STMicroelectronics L6986I_V01 Datasheet HTML 36Page - STMicroelectronics L6986I_V01 Datasheet HTML 37Page - STMicroelectronics L6986I_V01 Datasheet HTML 38Page - STMicroelectronics L6986I_V01 Datasheet HTML 39Page - STMicroelectronics L6986I_V01 Datasheet HTML 40Page - STMicroelectronics L6986I_V01 Datasheet HTML 41Page - STMicroelectronics L6986I_V01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
Figure 43. Primary (blue) winding current, secondary (pink) winding current and magnetizing current
(black)
ILsec
ILpri
ILpri_pos_peak
ILsec_peak
ILpri_neg_peak
LX
Therefore, setting the current ripple ΔIL, the inductance is so defined:
Lpri = VIN−VOUT_pri∙VOUT_pri
VIN∙fSW∙∆IL
(39)
As example, assuming IOUT_prim = 500 mA, IOUT_sec = 100 mA, N= 5, the current ripple can be set around 30% of
the total current IOUT_pri + N×IOUT_sec = 1 A, therefore 300 mA. If VIN = 12 V, VOUT_pri = 5 V and fSW = 500 kHz,
the inductor value should be 19.4 µH (→ 18 µH or 22 µH the closest standardized value).
Peak and RMS current
As any inductor, peak and RMS current for each winding must be calculated in order to define saturation and
RMS currents that the transformer should fulfill.
For the primary winding, the equations below are valid:
Ipri_pos_peak = IOUT_pri+IOUT_secN+ΔIpri2
(40)
Ipri_RMS = IOUT_pri+IOUT_secN∙ 1+112∙ ΔIpri∙N
N∙IOUT_pri+IOUT_sec
(41)
For the secondary winding the peak current can change depending on the leakage inductance. In the picture
below secondary winding current waveforms with different leakage inductances are simulated. It is evident
how the peak current can significantly vary. Considering the target leakage inductance value for an iso-buck
(recommended up to 1% of the primary inductance), the waveform can be approximated with a sawtooth shape
and the peak and RMS currents can be hence estimated as:
Isec_pos_peak = 2∙IOUT_sec
1−D
(42)
Isec_RMS = Isec_pos_peak∙ 1−D3
(43)
The equation (44) emphasizes what mentioned about the recommended duty cycle.
A duty cycle higher than 50-60% significantly increases the peak current in the secondary winding (see figure
below). Furthermore, this affects the negative peak current at the primary side (see Figure 44).
L6986I
Design of the external components
DS13647 - Rev 2
page 38/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com