전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 18Page - STMicroelectronics L6986I_V01 Datasheet HTML 19Page - STMicroelectronics L6986I_V01 Datasheet HTML 20Page - STMicroelectronics L6986I_V01 Datasheet HTML 21Page - STMicroelectronics L6986I_V01 Datasheet HTML 22Page - STMicroelectronics L6986I_V01 Datasheet HTML 23Page - STMicroelectronics L6986I_V01 Datasheet HTML 24Page - STMicroelectronics L6986I_V01 Datasheet HTML 25Page - STMicroelectronics L6986I_V01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
The L6986I device implements a 1.9 A typ. negative current limitation to limit the maximum reversed switch
current during the overvoltage operation.
Moreover, the overvoltage protection also activates the internal pull-down on RST pin. Once OVP is deactivated,
the L6986I releases the RST. The release of the RST pin can be delayed by connecting a capacitor to the DELAY
pin (pin 9). For the selection of the capacitance value, equation (28) can be used.
Figure 25. Overvoltage operation
4.11
Thermal shutdown
The shutdown block disables the switching activity if the junction temperature is higher than a fixed internal
threshold (165 °C typical). The thermal sensing element is close to the power elements, ensuring fast and
accurate temperature detection. A hysteresis of approximately 30 °C prevents the device from turning ON and
OFF continuously. When the thermal protection runs away a new soft-start cycle will take place.
L6986I
Thermal shutdown
DS13647 - Rev 2
page 22/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com