전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 27Page - STMicroelectronics L6986I_V01 Datasheet HTML 28Page - STMicroelectronics L6986I_V01 Datasheet HTML 29Page - STMicroelectronics L6986I_V01 Datasheet HTML 30Page - STMicroelectronics L6986I_V01 Datasheet HTML 31Page - STMicroelectronics L6986I_V01 Datasheet HTML 32Page - STMicroelectronics L6986I_V01 Datasheet HTML 33Page - STMicroelectronics L6986I_V01 Datasheet HTML 34Page - STMicroelectronics L6986I_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
6.4
Synchronization
The synchronization feature helps the hardware designer to prevent beating frequency noise that is an issue
when multiple switching regulators populate the same application board.
6.4.1
Embedded master - slave synchronization
The L6986I synchronization circuitry features the same switching frequency for a set of regulators simply
connecting their SYNCH pin together, so preventing beating noise. The master device provides the
synchronization signal to the others since the SYNCH pin is I/O able to deliver or recognize a frequency signal.
For proper synchronization of multiple regulators, all of them have to be configured with the same switching
frequency (see Table 6), so the same resistor connected at the FSW pin.
In order to minimize the RMS current flowing through the input filter, the L6986I device provides a phase shift
of 180° between the master and the SLAVES. If more than two devices are synchronized, all slaves will have a
common 180° phase shift with respect to the master.
Considering two synchronized L6986I which regulate the same output voltage (i.e.: operating with the same duty
cycle), the input filter RMS current is optimized and is calculated as:
IRMS IOUT2∙ 2D∙ 1−2D                               if D<0.5
IOUT2∙ 2D−1∙2−2D                   if D>0.5
(29)
The graphical representation of the input RMS current of the input filter in the case of two devices with 0°
phase shift (synchronized to an external signal) or 180° phase shift (synchronized connecting their SYNCH pins)
regulating the same output voltage is provided in the figure below. To dimension the proper input capacitor please
refer to the dedicate section.
Figure 36. Input RMS current
The figure below shows two not synchronized regulators with unconnected SYNCH pin.
L6986I
Synchronization
DS13647 - Rev 2
page 31/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com