전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 13Page - STMicroelectronics L6986I_V01 Datasheet HTML 14Page - STMicroelectronics L6986I_V01 Datasheet HTML 15Page - STMicroelectronics L6986I_V01 Datasheet HTML 16Page - STMicroelectronics L6986I_V01 Datasheet HTML 17Page - STMicroelectronics L6986I_V01 Datasheet HTML 18Page - STMicroelectronics L6986I_V01 Datasheet HTML 19Page - STMicroelectronics L6986I_V01 Datasheet HTML 20Page - STMicroelectronics L6986I_V01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Figure 17. Secondary output line regulation
0%
1%
2%
3%
4%
5%
6%
12
13
14
15
16
17
18
19
20
21
22
23
24
VIN [V]
The input voltage value influences the peak current in the secondary winding (see figure below), hence
determining the amount of energy delivered to the secondary output and in turn the isolated output voltage
value.
Figure 18. Secondary winding current at different input voltages
L6986I
Output voltage line regulation
DS13647 - Rev 2
page 17/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com