전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 12Page - STMicroelectronics L6986I_V01 Datasheet HTML 13Page - STMicroelectronics L6986I_V01 Datasheet HTML 14Page - STMicroelectronics L6986I_V01 Datasheet HTML 15Page - STMicroelectronics L6986I_V01 Datasheet HTML 16Page - STMicroelectronics L6986I_V01 Datasheet HTML 17Page - STMicroelectronics L6986I_V01 Datasheet HTML 18Page - STMicroelectronics L6986I_V01 Datasheet HTML 19Page - STMicroelectronics L6986I_V01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
4.7
Output voltage line regulation
All results shown in this section come from measurements performed using the reference schematic depicted in
figure below.
Figure 15. Schematic used for line and load regulation tests
Primary output line regulation
The regulator features an enhanced primary line regulation due to the peak current mode architecture. Figure 16
shows negligible output voltage variation (normalized to the value measured at VIN = 12 V) over an input voltage
range up to 24 V for L6986I with VOUT prim = 5.3 V.
Figure 16. Primary line regulation
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
12
13
14
15
16
17
18
19
20
21
22
23
24
VIN [V]
Iout_prim = 0A
Iout_prim = 1A
Secondary output line regulation
The secondary output line regulation is defined, similarly to the primary side, as the variation of secondary the
output voltage due to the input voltage change at a specific current. The secondary output line regulation is mainly
affected by the transformer and in particular by its leakage inductance.
Keeping constant the leakage inductance (i.e. using the same transformer), an higher input voltage allows to
slightly increase the isolated output voltage, as shown in figure below.
L6986I
Output voltage line regulation
DS13647 - Rev 2
page 16/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com