전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 5Page - STMicroelectronics L6986I_V01 Datasheet HTML 6Page - STMicroelectronics L6986I_V01 Datasheet HTML 7Page - STMicroelectronics L6986I_V01 Datasheet HTML 8Page - STMicroelectronics L6986I_V01 Datasheet HTML 9Page - STMicroelectronics L6986I_V01 Datasheet HTML 10Page - STMicroelectronics L6986I_V01 Datasheet HTML 11Page - STMicroelectronics L6986I_V01 Datasheet HTML 12Page - STMicroelectronics L6986I_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Figure 5. Internal block diagram
RST
DRIVER
GND
GND
PEAK
CL
VALLEY
CL
ZERO
CROSSING
LOOP
CONTROL
OSCILLATOR
RST TH.
LX
FB
E/A
POWER
PMOS
POWER
NMOS
SENSE
PMOS
SENSE
NMOS
Vcc
SLOPE
VIN
SYNC
COMP
GND
DRIVER
GND
GND
VALLEY
CL
LOOP
CONTROL
E/A
POWER
PMOS
MOS
OVP
+
-
MLF
DELAY
DELAY
SS/INH
SS/INH
VREF
0
TSS
+
-
FSW
Embedded power elements. Thanks to the P-channel MOSFET as high-side switch the device features low-
dropout operation
A fully integrated sawtooth oscillator with adjustable frequency
A transconductance error amplifier
An internal feedback divider GDIV INT
The high-side current sense amplifier to sense the inductor current
A “Pulse Width Modulator” (PWM) comparator and the driving circuitry of the embedded power elements
The soft-start blocks to ramp the error amplifier reference voltage and so decreases the inrush current at
power-up. The SS/INH pin inhibits the device when driven low
The switchover capability of the internal regulator to supply a portion of the quiescent current when the VBIAS
pin is connected to an external output voltage
The synchronization circuitry to manage master / slave operation and the synchronization to an external
clock
The current limitation circuit to implement the constant current protection, sensing pulse by pulse high-side /
low-side switch current. In case of heavy short-circuit the current protection is fold back to decrease the
stress of the external components
A circuit to implement the thermal protection function
The OVP circuitry to discharge the output capacitor in case of overvoltage event
MLF normally connected to GND through a resistor to set the threshold of the RST comparator
FSW pin strapping sets the switching frequency
The RST open collector output
4.1.1
Power supply and voltage reference
The internal regulator block consists of a start-up circuit, the voltage pre-regulator that provides current to all the
blocks and the bandgap voltage reference. The starter supplies the start-up current when the input voltage goes
high and the device is enabled (SS/INH pin over the inhibits threshold).
The pre-regulator block supplies the bandgap cell and the rest of the circuitry with a regulated voltage that has a
very low supply voltage noise sensitivity.
L6986I
Primary side
DS13647 - Rev 2
page 9/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com