전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 20Page - STMicroelectronics L6986I_V01 Datasheet HTML 21Page - STMicroelectronics L6986I_V01 Datasheet HTML 22Page - STMicroelectronics L6986I_V01 Datasheet HTML 23Page - STMicroelectronics L6986I_V01 Datasheet HTML 24Page - STMicroelectronics L6986I_V01 Datasheet HTML 25Page - STMicroelectronics L6986I_V01 Datasheet HTML 26Page - STMicroelectronics L6986I_V01 Datasheet HTML 27Page - STMicroelectronics L6986I_V01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Sn represents the on time slope of the sensed inductor current, Se the on-time slope of the external ramp (VPP
peak-to-peak amplitude) that implements the slope compensation to avoid sub-harmonic oscillations at duty cycle
over 50%.
Se can be calculated from the parameter VPP × gCS given in Table 5.
The sampling effect contribution FH(s) is:
FHs= 1
1+ s
ωn∙Qp+s2ωn2
(11)
where
ωn=π∙fSW
Qp= 1
π∙mC∙ 1−D −0.5
(12)
5.2
Error amplifier compensation network
The typical compensation network required to stabilize the system is shown in figure below:
Figure 27. Transconductance embedded error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect system stability but it
is useful to reduce the noise at the output of the error amplifier.
The transfer function of the error amplifier and its compensation network is:
A0s=
AV0∙1+s∙RC∙CC
s2∙R0∙C0+Cp∙RC∙CC+s∙R0∙CC+R0∙C0+Cp+RC∙CC+1
(13)
where
AV0=Gm∙R0.
The poles of this transfer function are (if CC >> C0 + CP)
fPHF= 12∙π∙R0∙CC
(14)
L6986I
Error amplifier compensation network
DS13647 - Rev 2
page 24/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com