전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6986I 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 L6986I
상세설명  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button L6986I_V01 Datasheet HTML 37Page - STMicroelectronics L6986I_V01 Datasheet HTML 38Page - STMicroelectronics L6986I_V01 Datasheet HTML 39Page - STMicroelectronics L6986I_V01 Datasheet HTML 40Page - STMicroelectronics L6986I_V01 Datasheet HTML 41Page - STMicroelectronics L6986I_V01 Datasheet HTML 42Page - STMicroelectronics L6986I_V01 Datasheet HTML 43Page - STMicroelectronics L6986I_V01 Datasheet HTML 44Page - STMicroelectronics L6986I_V01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Figure 48. Transformer parasitic capacitances
CP
CS
CWW
6.5.3
Schottky diode
The selection of the Schottky diode should consider the following parameters:
Maximum forward current, mainly defined by the secondary output current demand (see equation (43));
Forward voltage drop, which affects the secondary output voltage regulation
Maximum peak reverse voltage. During the on phase of the primary side, when in the secondary side no
current flows, the diode is reverse biased and must withstand this voltage:
VD1_rev = N∙VINmax−VOUT_pri+VOUT_sec
(44)
Junction capacitance, which should be as low as possible in order to reduce the ringing described in the
previous section
6.5.4
Output capacitors selection
Primary output capacitor
As in a standard buck converter, the primary output capacitor is involved in:
Determining the output voltage ripple
Supporting load transient
The loop stability, by setting one pole and one zero in the transfer function
Considering the ouput voltage ripple requirement, the primary output capacitance should be selected according to
the following equation:
COUT_pri=
ΔIpri
8∙fSW∙ΔVOUT_pri−ESR∙ΔIpri
(45)
Normally MLCC capacitor are the best choice for the output capacitor, therefore the ESR contribution is negligible
and the equation (46) can be simplified.
Secondary output capacitor
The secondary output capacitor supplies the secondary output load current during the tON (when diode D1 is
reverse biased) and its value defines the secondary output voltage ripple (ΔVOUT).
COUT_sec= IOUT_sec∙D
ΔVOUT_sec∙fSW
(46)
L6986I
Design of the external components
DS13647 - Rev 2
page 41/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com