전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO59618A Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery
Charger with Integrated Power Path
Features
Build in power path NFETs and power switches
1.0 MHz switching frequency operation
Trickle current/constant current/constant voltage
charge mode with internal compensation
Maximum 1.5 A charge current
Up to 93% efficiency in boost mode
Up to 93% efficiency in buck mode
±0.5% cell voltage accuracy
Programmable charge current
Programmable output voltage
Dynamic power management
2 independent discharge channels
Input voltage UVLO and OVP
Supports bidirectional communication
Boost output short circuit protection
The current accuracy is up to 5%
Multiple-output pin with VBAT, IBAT, IVOR,
IVOL, NTC
Integrate a 3.0 V/30 mA LDO for external MCU
Safety-related certification: lEC 62368-1
Applications
True wireless stereo headphones
Tablet, portable media players
Electronic cigarettes
Smart video doorbell
Package Information
Description
The DIO59618A is a highly integrated power
management IC that integrates functions such as
Buck, Boost, power path management, LDO, two
independent
discharge
management,
and
independent detection for load. In addition, the chip
integrates temperature protection, input overvoltage,
faulty battery, and charging timeout protection,
making the charging process very safe and reliable.
The DIO59618A supports charging and discharging
voltage and current regulation through I2C
communication, it integrates two output current
limiting switches and provides independent load
presence and access detection.
The DIO59618A integrates communication ports,
enabling high-speed communication between the
MCU and earphones, greatly simplifying peripheral
components and circuits.
The DIO59618A synchronous boost system supports
a maximum output current of 1 A with an efficiency of
up to 93%. It also supports low quiescent power
consumption, which can be as low as 1 μA in ship
mode.
Simplified Schematic
Part Number
Package
Body Size
DIO59618A
QFN-20
3 mm × 3 mm


유사한 부품 번호 - DIO59618A

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO59073BCL16 DIOO-DIO59073BCL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59073CL16 DIOO-DIO59073CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59075CL16 DIOO-DIO59075CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59076CL16 DIOO-DIO59076CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59078CL16 DIOO-DIO59078CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
More results

유사한 설명 - DIO59618A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
uPI Group Inc.
UP8011 UPI-UP8011 Datasheet
167Kb / 12P
Highly Integrated Single-Cell Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com