전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 22 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 22 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
18
9.6. Communication mode
The DIO59618A supports bidirectional independent communication between the bottom compartment and
the headset. It receives and sends signals through the VOL/R connection with the headset, interacts with
the MCU through COML/COMR. It also controls the entry and exit of the communication mode through the
I2C register. The communication function of DIO59618A mainly includes isolation communication,
communication level conversion, and communication function entry/exit.
For isolated communication function, the communication mode is disabled in normal cases. VOL/R is used
to detect the headset load and charge the headset. All communication detection functions are disabled.
When the DIO59618A enters the communication mode through register operation, the VOL/R discharge,
automatic identification, and detection functions will be disabled to realize the isolation and enter the
communication mode.
Table 11. COM_CFG register
Register Address Bit R/W/C Default
Symbol
Description
COM_CFG
0x09
Bit7
R/W
0
NC
NC
NC
Bit6
R/W
0
COM_VLDO
0: 1.8 V
1: 2.5 V
Bit5
R/W
0
COMR_EN
0: VOR communicate
disabled
1: VOR communicate
enabled
Bit4
R/W
0
COML_EN
0: VOL communicate
disabled
1: VOL communicate
enabled
Bit3
R/W
0
VOR_TRX
0: MCU transmit data
1: MCU receive data
Bit2
R/W
0
VOL_TRX
0: MCU transmit data
1: MCU receive data
Bit1
R/W
0
NC
NC
NC
Bit0
R/W
0
NC
NC
NC
9.7. LDO output
When the VBUS is connected to the normal voltage, it supplies LDO. When the VBUS is removed or below
the normal rate, VBAT will seamlessly replace it. The LDO output defaults to 3 V and supports up to 30 mA
on load. After normal power-on, LDO output is supported by default. LDO output can only be disabled in the
following two cases:
1. When no VBUS is connected and the VBAT is under voltage.
2. MCU controls the DIO59618A to enter ship mode by writing register through I2C, and then the user can
choose to turn off the LDO or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com