전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 24 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 24 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
20
10.Register Map
Add
ress
R/W
/C
Def
ault
Register
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x00
R/C
0x00
IRQ_0
OVER_
TEMP
KEY_
INT
CHG_
END
BAT_
LV
VBUS
_IN
VSYS_
OCP
ICC_
TIMEOUT
ITC_
TIMEOUT
0x01
R/C
0x00
IRQ_1
VOR_
OCP
VOL_
OCP
VOR_
IN
VOL_
IN
VOR_
OUT
VOL_
OUT
VOR_
IOFF
VOL_
IOFF
0x02
R/W
0x03
MULTI_
CFG
MULTI_
EN
VBAT_S
ET
IVOL_
SET
IVOR_S
ET
IBAT_
SET
OUTSEL
[2]
OUTSEL
[1]
OUTSEL
[0]
0x03
R/W
0x20
BUCK_
CFG0
CV_
BAT[2]
CV_
BAT[1]
CV_
BAT[0]
ICC[4]
ICC[3]
ICC[2]
ICC[1]
ICC[0]
0x04
R/W
0xDC
BUCK_
CFG1
TICC_
EN
TITC_
EN
CHG_
EN
VTC[0]
VTC[1]
VTC[2]
ITC
NC
0x05
R/W
0x00
BUCK_
CFG2
ITERM_
SET
ITERM
[2]
ITERM
[1]
ITERM
[0]
NC
NC
NC
VOUT_
DIS_EN
0x06
R/W
0x00
VOx_
CFG0
VOR_
EN
VOL_
EN
VOR_
PULL
VOL_
PULL
PULL_
CC[1]
PULL_
CC[0]
VOx_
IOFF
NC
0x07
R/W
0x00
VOx_
CFG1
VOx_
ILIMIT[3]
VOx_
ILIMIT[2]
VOx_
ILIMIT[1]
VOx_
ILIMIT[0]
NC
NC
NC
NC
0x08
R/W
0x00
BOOST_
CFG0
ULV_
SET[1]
ULV_
SET[0]
BST_EN
BST_
OUT[4]
BST_
OUT[3]
BST_
OUT[2]
BST_
OUT[1]
BST_
OUT[0]
0x09
R/W
0x00
COM_
CFG
NC
COM_
VLDO
COMR_
EN
COML_
EN
VOR_
TRX
VOL_
TRX
NC
NC
0x0A
R/W
0x01
SYS_
CFG
IO1_
SET
NC
NC
NC
STAN
DBY
SHIP
NC
LDO_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com