전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
15
9.3. MULTI output
The MULTI pin outputs the internal analog signal to the outside of the chip for sampling the MCU. The
selectable MULTI sampling signals include NTC, VBAT, IVOL, IVOR, and IBAT, which are selected by the I2C
register. After the MULTI mode is enabled, the ratio of output parameters is shown in Table 6. If the sampled
data is too small, enlarge the gain of the MULTI. Refer to register <0x02>MULTI_CFG for detailed
information.
Table 7. MULTI_CFG register
Register
Address Bit R/W/C Default
Symbol
Description
MULTI_CFG
0x02
Bit7
R/W
0
MULTI_EN
0: Disable MULTI
function
1: Enable MULTI
function
Bit6
R/W
0
VBAT_SET
0: VBAT / 4
1: VBAT / 8
Bit5
R/W
0
IVOL_SET
0: IVOL x 4
(1 mA → 4 mV)
1: IVOL x 32
(1 mA → 32 mV)
Bit4
R/W
0
IVOR_SET
0: IVOR x 4
(1 mA → 4 mV)
1: IVOR x 32
(1 mA → 32 mV)
Bit3
R/W
0
IBAT_SET
0: IBAT x 1
(1 mA → 1 mV)
1: IBAT x 8
(1 mA → 8 mV)
Bit2
R/W
0
OUTSEL[2]
000: NTC
010: IVOR
100: IBAT for charge
001: IVOL
011: VBAT
Others: NC
Bit1
R/W
1
OUTSEL[1]
Bit0
R/W
1
OUTSEL[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com