전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 28 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 28 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
24
BUCK_CFG1
Addr. = 0x04
Default: 0xDC
Bit
R/W/C
Symbol
Default
Description
Bit7
R/W
TICC_EN
1
1: Enable
0: Disable
Bit6
R/W
TITC_EN
1
1: Enable
0: Disable
Bit5
R/W
CHG_EN
0
1: Enable
0: Disable
Bit4
R/W
VTC[0]
1
000: 2.3 V
010: 2.5 V
100: 2.7 V
110: 2.9 V
001: 2.4 V
011: 2.6 V
101: 2.8 V
111: 3.0 V
Bit3
R/W
VTC[1]
1
Bit2
R/W
VTC[2]
1
Bit1
R/W
ITC
0
0: 10 mA
1: 30 mA
Bit0
R/W
NC
0
NC
NC
BUCK_CFG2
Addr. = 0x05
Default: 0x00
Bit
R/W/C
Symbol
Default
Description
Bit7
R/W
ITERM[2]
0
000: 0.1 ICC
010: 40 mA
100: 80 mA
110: 120 mA
001: 20 mA
011: 60 mA
101: 100 mA
111: 140 mA
Bit6
R/W
ITERM[1]
0
Bit5
R/W
ITERM[0]
0
Bit4
R/W
NC
0
NC
NC
Bit3
R/W
NC
0
NC
NC
Bit2
R/W
NC
0
NC
NC
Bit1
R/W
NC
0
NC
NC
Bit0
R/W
VOUT_DIS_EN
0
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com