전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 23 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 23 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
19
9.8. Working mode
9.8.1. Mode status declaration
When the VBUS is connected, the DIO59618A supports to charge the bottom warehouse battery while
discharging.
When the VBUS is not connected and the charging current of all headsets in the warehouse is detected to
fall below IOFF for a period of time, MCU will disconnect the charging switches Q6 and Q7 of the two
headphone channels, enabling the detection function. At this time, LDO maintains 3 V output and I2C
interface remains in communication state with load detection activated.
When the VBUS is not connected, according to production or user requirements, MCU will write the
command to DIO59618A register through I2C in order to enter into ship mode.
When detecting that the charging current of the left/right earphone is below IOFF, the MCU needs to actively
turn off the charging switch of the corresponding loop, and open the pull-up current source of the
corresponding channel for the earphone in/out of the warehouse detection, so as to timely detect the
movement of the left/right earphone in/out of the warehouse. The optional pull-up current source can be 1
μA, 5 μA, 10 μA, or 20 μA.
9.9. Programming
9.9.1. I2C interface
The DIO59618A serial interface is compatible with Standard, and Fast Mode I2C Bus specifications. The
SCL line is an input and its SDA line is a bi-directional open-drain output. The SDA line only pulls low during
data reads and when signaling ACK. All data is shifted in most significant bit (MSB, bit 7) first.
9.9.2. Slave address
Table 12 shows the default I2C slave address. The LSB of the address byte is used as the read/write bit and
is not included in the 7-bit Hex, Decimal, or Binary value as shown in Table 12. Table 13 shows the location
of the R/W bit.
Table 12. I2C slave address
Device
Hex
Decimal
7 bit Binary
DIO59618A
35h
53d
011 0101
Table 13. I2C (7 bit) slave address byte
7
6
5
4
3
2
1
0
0
1
1
0
1
0
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com