전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
6
R_path
RDS(ON) of power path
Q5
80
mΩ
R_VOL/VOR
RDS(ON) of VOL/VOR
Q6 / Q7
350
mΩ
ICC
Charge current accuracy for
constant current mode
ICC = 500 mA
-5
5
%
VTRICKLE(2)
Trickle charging voltage
threshold
VBAT < 2.3 ~ 3.0 V
2.9
3
3.1
V
ΔVTRICKLE
Trickle charging voltage
hysteresis
100
mV
ITC(2)
Charge current for trickle
current mode
9
10
11
mA
ITERM(2)
Termination current
0.1
ICC
Boost mode operation
VBST(2)
Boost output voltage
4.0
5.2
V
IBST(1)
Quiescent current in boost
VBAT = 3.6 V, not switching
40
μA
ILOAD
Between VOUT and GND
VBAT = 3.6 V
1000
mA
ILIMPK(BST)
Q2 peak current limit
2000
mA
UVLOBST
Minimum battery voltage for
boost operation
2.5
2.6
V
∆VUVLO_BST
UVLO hysteresis
Rising edge
150
mV
Protection and timers
TSHUTDWN
Thermal shutdown threshold
TA rising
150
°C
Hysteresis
30
NTC
INTC
NTC resistance bias current
28
30
32
μA
LDO
VLDO
LDO output voltage
2.95
3
3.05
V
ILDO
LDO output current capacity
25
30
mA
I2C
VIH_I2C
SCL, SDA input voltage high
level threshold
1.2
V
VIL_I2C
SCL, SDA input voltage low
level threshold
0.4
V
IIN_I2C
SCL, SDA input leakage
current
-1
1
μA
fSCL
SCL clock frequency
400
kHz
Note:
(1) Guaranteed by design.
(2) Can be adjusted by I2C.
(3) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com