전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 20 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 20 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
16
9.4. Ship mode
The internal register of the chip sets the ship mode control bit, and when the MCU writes 1 to this register,
the DIO59618A enters ship mode. After entering ship mode, the DIO59618A power consumption will be 1
μA, when LDO is disabled.
Exiting ship mode1: When LDO is enabled, VBUS is detected, or the ship register is cleared through I2C, or
a key signal is detected.
Exiting ship mode2: When LDO is disabled, VBUS is detected.
Table 8. SYS_CFG register
Register Address Bit R/W/C Default
Symbol
Description
SYS_CFG
0x0a
Bit7
R/W
0
IO1_SET
0: IO1 output is low
1: IO1 output is high
Bit6
R/W
0
NC
NC
NC
Bit5
R/W
0
NC
NC
NC
Bit4
R/W
0
NC
NC
NC
Bit3
R/W
0
STANDBY
0: Disable
1: Enable
Bit2
R/W
0
SHIP
0: Disable
1: Enable
Bit1
R/W
0
NC
NC
NC
Bit0
R/W
1
LDO_EN
0: Disable (Only for
ship mode)
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com