전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
12
Table 2. BUCK_CFG1 register
Register
Address Bit R/W/C Default Symbol
Description
BUCK_CFG1
0x04
Bit7
R/W
1
TICC_EN
0: Disable
1: Enable
Bit6
R/W
1
TITC_EN
0: Disable
1: Enable
Bit5
R/W
0
CHG_EN
0: Disable
1: Enable
Bit4
R/W
1
VTC[0]
000: 2.3 V
010: 2.5 V
100: 2.7 V
110: 2.9 V
001: 2.4 V
011: 2.6 V
101: 2.8 V
111: 3.0 V
Bit3
R/W
1
VTC[1]
Bit2
R/W
1
VTC[2]
Bit1
R/W
0
ITC
0: 10 mA
1: 30 mA
Bit0
R/W
0
NC
NC
NC
Table 3. BUCK_CFG2 register
Register
Address Bit R/W/C
Defaul
t
Symbol
Description
BUCK_CFG2
0x05
Bit7
R/W
0
ITERM[2]
000: 0.1 ICC
010: 40 mA
100: 80 mA
110: 120 mA
001: 20 mA
011: 60 mA
101: 100 mA
111: 140 mA
Bit6
R/W
0
ITERM[1]
Bit5
R/W
0
ITERM[0]
Bit4
R/W
0
NC
NC
NC
Bit3
R/W
0
NC
NC
NC
Bit2
R/W
0
NC
NC
NC
Bit1
R/W
0
NC
NC
NC
Bit0
R/W
0
NC
NC
NC
9.2. Discharge mode
9.2.1. Boost output
The DIO59618A provides a synchronous boost output, integrated power MOSFET, and 5 V/1 A output
(output voltage register can be adjusted), with the efficiency up to 93%. The DIO59618A uses a 1 MHz
switching frequency, which can effectively reduce the size of external components. In standby mode, the
automatic load recognition module of VOL and VOR ports is on, and the static current of the chip is 6 μA.
When the VOL and VOR detect the load, VOR_IN and VOL_IN signals are generated inside the chip, and
the interrupt signal is sent to notify the MCU. The MCU then opens the VOL/R channel to realize the
discharge function.
The chip integrates the output voltage configurable, output soft start, overcurrent, overvoltage, short circuit,
overtemperature, battery undervoltage, and other functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com