전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 30 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 30 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
26
BOOST_CFG0
Addr. = 0x08
Default: 0x00
Bit
R/W/C
Symbol
Default
Description
Bit7
R/W
ULV_SET[1]
0
00: 3.2 V
10: 3.4 V
01: 3.3 V
11: 3.5 V
Bit6
R/W
ULV_SET[0]
0
Bit5
R/W
BST_EN
0
0: Disable
1: Enable
Bit4
R/W
BST_OUT[4]
0
0 0000: 4.00 V
0 0001: 4.05 V
0 0100: 4.20 V
0 0101: 4.25 V
0 1000: 4.40 V
0 1001: 4.45 V
0 1100: 4.60 V
0 1101: 4.65 V
1 0000: 4.80 V
1 0001: 4.85 V
1 0100: 5.00 V
1 0101: 5.05 V
1 1000: 5.20 V
1 1001: NC
1 1100: NC
1 1101: NC
0 0010: 4.10 V
0 0011: 4.15 V
0 0110: 4.30 V
0 0111: 4.35 V
0 1010: 4.50 V
0 1011: 4.55 V
0 1110: 4.70 V
0 1111: 4.75 V
1 0010: 4.90 V
1 0011: 4.95 V
1 0110: 5.10 V
1 0111: 5.15 V
1 1010: NC
1 1011: NC
1 1110: NC
1 1111: VBAT
Bit3
R/W
BST_OUT[3]
0
Bit2
R/W
BST_OUT[2]
0
Bit1
R/W
BST_OUT[1]
0
Bit0
R/W
BST_OUT[0]
0
COM_CFG
Addr. = 0x09
Default: 0x00
Bit
R/W/C
Symbol
Default
Description
Bit7
R/W
NC
0
NC
NC
Bit6
R/W
COM_VLDO
0
0: 1.8 V
1: 2.5 V
Bit5
R/W
COMR_EN
0
0: VOR communicate disabled
1: VOR communicate enabled
Bit4
R/W
COML_EN
0
0: VOL communicate disabled
1: VOL communicate enabled
Bit3
R/W
VOR_TRX
0
0: MCU transmit data
1: MCU receive data
Bit2
R/W
VOL_TRX
0
0: MCU transmit data
1: MCU receive data
Bit1
R/W
NC
0
NC
NC
Bit0
R/W
NC
0
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com